전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NAND01G-N 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 NAND01G-N
상세설명  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 12Page - STMicroelectronics NAND01G-N Datasheet HTML 13Page - STMicroelectronics NAND01G-N Datasheet HTML 14Page - STMicroelectronics NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics NAND01G-N Datasheet HTML 17Page - STMicroelectronics NAND01G-N Datasheet HTML 18Page - STMicroelectronics NAND01G-N Datasheet HTML 19Page - STMicroelectronics NAND01G-N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Signals description
NAND01G-N
16/23
Rev1.0
2.25
LPSDRAM VDDQD supply voltage
VDDQD provides the power supply to the I/O pins of the LPSDRAM and enables all Outputs
to be powered independently of VDDD. VDDQD can be tied to VDDD or can use a separate
supply.
It is recommended to power-up and power-down VDDD and VDDQD together to avoid certain
conditions that would result in data corruption.
2.26
LPSDRAM VSSD ground
Ground, VSSD, is the reference for the core power supply for the LPSDRAM. It must be
connected to the system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23