전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS54B 데이터시트(PDF) 8 Page - FutureWafer Tech Co.,Ltd

부품명 SS54B
상세설명  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS54B 데이터시트(HTML) 8 Page - FutureWafer Tech Co.,Ltd

  SS54B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
16. Surface Mount Reel Specification
Dimension Tape Width Reel Size A
B
C
D
N
G
T
Value
12 mm
13”
330
±2
2.0
+0.5-0
13
+0.5-0.2
20.5
±0.2
100
±2
12.4
+2.0 -0.0
18.4
17. Tape Leader and Trailer Specification



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com