전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS54B 데이터시트(PDF) 1 Page - FutureWafer Tech Co.,Ltd

부품명 SS54B
상세설명  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS54B 데이터시트(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SS54B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS54B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
SS54A/B/C SS56A/B/C SS510A/B/C
Peak Reverse Current
V RRM
40
60
100
V
Reverse Current
V R
Average Forward Current
I O
5
A
Non-Repetitive Peak Forward Current
(tp≤8.3ms)
I FSM
120
Operating Temperature
T J
°C
-55 ~ +150
Storage Temperature
T STG
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Condition
Value
Units
SS54A/B/C SS56A/B/C SS510A/B/C
Reverse Leakage Current
I R
TA = 25°C
0.5
mA
TA = 125°C
10
Forward Voltage
V F
IF = 5.0A
0.50
0.70
0.85
V
5. Electrical Characteristics (TA=25°C)
4. Absolute Maximum Ratings
2. Feature List
●
High Surge Current Capability
●
Low Power Loss, High Efficiency
●
Highly Stable Oxide Passivated Junction
●
Low Forward Voltage Drop
3. Mechanical Characteristics
●
Mold JEDEC Package
- SMAJ/SMBJ/SMCJ
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
1. General Description
These Devices Employ The Schottky Barrier Principle in a
Metal−to−Silicon Power Rectifier. Features Epitaxial
Construction With Oxide Passivation and Metal Overlay
Contact. Ideally Suited For Low Voltage, High Frequency
Switching Power Supplies; Free Wheeling Diodes and
Polarity Protection Diodes.
SMBJ
SMAJ
SMCJ


유사한 부품 번호 - SS54B

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
SS54B YANGJIE-SS54B Datasheet
148Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS54B FRONTIER-SS54B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS54B LUGUANG-SS54B Datasheet
597Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SS54B BWTECH-SS54B Datasheet
770Kb / 3P
SCHOTTKY RECTIFIER
logo
Suntan Capacitors
SS54B SUNTAN-SS54B Datasheet
203Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS54B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com