전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS56B 데이터시트(PDF) 7 Page - FutureWafer Tech Co.,Ltd

부품명 SS56B
상세설명  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS56B 데이터시트(HTML) 7 Page - FutureWafer Tech Co.,Ltd

  SS56B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
14.Taping and Reel Specification
Taping Width
Tape Orientation
12mm
Direction Of Feed
15. Embossed Carrier Tape Specifications
Dimension
W
B1
D
D1
E
F
K
P
P0
P2
t
W
Value
12
mm
8.2
Max
1.5+
0.1/-
1.5
Min.
1.75
±0.10
5.5
±0.05
4.5
Max.
8.0
±0.10
4.0
±0.10
2.0
±0.05
0.4
Max.
12
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between the Component And The Cavity Must
Comply to The Rotational And Lateral Movement Requirement Provided in Figures in The
“Maximum Component Movement in Tape Pocket” Section.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com