전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS56B 데이터시트(PDF) 9 Page - FutureWafer Tech Co.,Ltd

부품명 SS56B
상세설명  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS56B 데이터시트(HTML) 9 Page - FutureWafer Tech Co.,Ltd

  SS56B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS56B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
19. History
Version
Date
File No.
Recording
Basis
A
23-Feb-2018
F41806G
New Create
Market
B
17-Apr-2019
F41806G
Update Company Information
System
V2.1
09-Aug-2021
F41806G
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
cherry@futurewafer.com.tw
No. 286-11, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan
18. Ordering Information
Part No.
Marking
Quantity
Package Type
Taping
SS54A
54A
5,000pcs
SMAJ
13” Reel
SS56A
56A
SS510A
510A
SS54B
S54
3,000pcs
SMBJ
SS56B
S56
SS510B
S110
SS54C
SS54
SMCJ
SS56C
SS56
SS510C
SS510



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com