전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F082ASH020EC 데이터시트(PDF) 91 Page - Zilog, Inc.

부품명 Z8F082ASH020EC
상세설명  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC 데이터시트(HTML) 91 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 87Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 88Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 89Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 90Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 91Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 92Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 93Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 94Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 95Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
73
Reload value.
In COMPARE mode, the Timer Reload High and Low Byte registers store the 16-bit
Compare value.
TRH and TRL—Timer Reload Register High and Low
These two bytes form the 16-bit Reload value, {TRH[7:0], TRL[7:0]}. This value sets the
maximum count value which initiates a timer reload to 0001H. In Compare mode, these
two bytes form the 16-bit Compare value.
Timer 0-1 PWM High and Low Byte Registers
The Timer 0-1 PWM High and Low Byte (TxPWMH and TxPWML) registers (Tables 51
and Table 52) control Pulse-Width Modulator (PWM) operations. These registers also
store the Capture values for the CAPTURE and CAPTURE/COMPARE modes.
Table 49. Timer 0–1 Reload High Byte Register (TxRH)
BITS
7
6
5
4
3
2
1
0
FIELD
TRH
RESET
1
111
11
11
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F02H, F0AH
Table 50. Timer 0–1 Reload Low Byte Register (TxRL)
BITS
7
6
5
4
3
2
1
0
FIELD
TRL
RESET
1
111
11
11
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F03H, F0BH
Table 51. Timer 0–1 PWM High Byte Register (TxPWMH)
BITS
7
6
5
4
3
2
1
0
FIELD
PWMH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F04H, F0CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More