전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F082ASH020EC 데이터시트(PDF) 16 Page - Zilog, Inc.

부품명 Z8F082ASH020EC
상세설명  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC 데이터시트(HTML) 16 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 12Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 13Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 14Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 15Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 16Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 17Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 18Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 19Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
List of Tables
Z8 Encore! XP® F08xA Series
Product Specification
xvi
Table 58. Watch-Dog Timer Reload Upper Byte Register (WDTU) . . . . . . . . . . 83
Table 59. Watch-Dog Timer Reload High Byte Register (WDTH) . . . . . . . . . . . 83
Table 60. Watch-Dog Timer Reload Low Byte Register (WDTL) . . . . . . . . . . . . 83
Table 61. UART Transmit Data Register (U0TXD) . . . . . . . . . . . . . . . . . . . . . . 95
Table 62. UART Receive Data Register (U0RXD) . . . . . . . . . . . . . . . . . . . . . . . 96
Table 63. UART Status 0 Register (U0STAT0) . . . . . . . . . . . . . . . . . . . . . . . . . 96
Table 64. UART Status 1 Register (U0STAT1) . . . . . . . . . . . . . . . . . . . . . . . . . 97
Table 65. UART Control 0 Register (U0CTL0). . . . . . . . . . . . . . . . . . . . . . . . . . 98
Table 66. UART Control 1 Register (U0CTL1). . . . . . . . . . . . . . . . . . . . . . . . . . 99
Table 67. UART Address Compare Register (U0ADDR) . . . . . . . . . . . . . . . . . 101
Table 68. UART Baud Rate High Byte Register (U0BRH) . . . . . . . . . . . . . . . . 101
Table 69. UART Baud Rate Low Byte Register (U0BRL) . . . . . . . . . . . . . . . . 101
Table 70. UART Baud Rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
Table 71. ADC Control Register 0 (ADCCTL0) . . . . . . . . . . . . . . . . . . . . . . . . 117
Table 72. ADC Control/Status Register 1 (ADCCTL1). . . . . . . . . . . . . . . . . . . 119
Table 73. ADC Data High Byte Register (ADCD_H) . . . . . . . . . . . . . . . . . . . . 120
Table 74. ADC Data Low Bits Register (ADCD_L). . . . . . . . . . . . . . . . . . . . . . 120
Table 75. ADC High Threshold High Byte (ADCTH) . . . . . . . . . . . . . . . . . . . . 121
Table 76. ADC Low Threshold High Byte (ADCTL) . . . . . . . . . . . . . . . . . . . . . 121
Table 77. Comparator Control Register (CMP0) . . . . . . . . . . . . . . . . . . . . . . . 123
Table 78. Z8 Encore! XP“ F08xA Series Flash Memory Configurations . . . . . 126
Table 79. Flash Code Protection Using the Flash Option Bits . . . . . . . . . . . . . 131
Table 80. Flash Control Register (FCTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 81. Flash Status Register (FSTAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 82. Flash Page Select Register (FPS) . . . . . . . . . . . . . . . . . . . . . . . . . . 135
Table 83. Flash Sector Protect Register (FPROT). . . . . . . . . . . . . . . . . . . . . . 136
Table 84. Flash Frequency High Byte Register (FFREQH) . . . . . . . . . . . . . . . 137
Table 85. Flash Frequency Low Byte Register (FFREQL). . . . . . . . . . . . . . . . 137
Table 86. Trim Bit Address Register (TRMADR) . . . . . . . . . . . . . . . . . . . . . . . 140
Table 87. Trim Bit Data Register (TRMDR) . . . . . . . . . . . . . . . . . . . . . . . . . . . 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More