전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z86D7308HSC 데이터시트(PDF) 59 Page - Zilog, Inc.

부품명 Z86D7308HSC
상세설명  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC 데이터시트(HTML) 59 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 55Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 56Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 57Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 58Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 59Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 60Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 61Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 62Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 63Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
53
During Ping-Pong Mode
The enable bits of T8 and T16 (CTR0, D7; CTR2, D7) are set and cleared alter-
nately by hardware. The timeout bits (CTR0, D5; CTR2, D5) are set every time the
counter/timers reach the terminal count.
Interrupts
The Z86D73 feature six different interrupts (Table 15). The interrupts are
maskable and prioritized (Figure 31). The six sources are divided as follows: three
sources are claimed by Port 3 lines P33–P31 and two by the counter/timers
(Table 15). The Interrupt Mask Register (globally or individually) enables or dis-
ables the five interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92