전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3260ARSZ 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADM3260ARSZ
상세설명  Hot Swappable, Dual I2C Isolators with Integrated DC-to-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3260ARSZ 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADM3260ARSZ Datasheet HTML 9Page - Analog Devices ADM3260ARSZ Datasheet HTML 10Page - Analog Devices ADM3260ARSZ Datasheet HTML 11Page - Analog Devices ADM3260ARSZ Datasheet HTML 12Page - Analog Devices ADM3260ARSZ Datasheet HTML 13Page - Analog Devices ADM3260ARSZ Datasheet HTML 14Page - Analog Devices ADM3260ARSZ Datasheet HTML 15Page - Analog Devices ADM3260ARSZ Datasheet HTML 16Page - Analog Devices ADM3260ARSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADM3260
Rev. E | Page 13 of 19
(1ms/DIV)
10% LOAD
90% LOAD
Figure 11. Typical VISO Transient Load Response, 5 V Input, 3.3 V Output,
10% to 90% Load Step
TIME (µs)
4.970
4.965
4.960
4.955
4.950
4.945
4.940
1
0
2
3
4
Figure 12. Typical VISO = 5 V Output Voltage Ripple at 90% Load
TIME (µs)
3.280
3.278
3.276
3.274
3.272
3.270
1
0
2
3
4
Figure 13. Typical VISO = 3.3 V Output Voltage Ripple at 90% Load
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
OUTPUT VOLTAGE (V)
30mA LOAD
20mA LOAD
10mA LOAD
Figure 14. Relationship Between Output Voltage and Required Input Voltage,
Under Load to Maintain >80% Duty Factor in the PWM
500
450
400
350
300
250
200
150
100
–20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
–40
VIN = 5V/VISO = 5V
VIN = 5V/VISO = 3.3V
Figure 15. Power Dissipation with a 30 mA Load vs. Ambient Temperature
500
450
400
350
300
250
200
150
100
–20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
–40
VIN = 5V/VISO = 3.3V
VIN = 3.3V/VISO = 3.3V
VIN = 5V/VISO= 5V
Figure 16. Power Dissipation with a 20 mA Load vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com