전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3260ARSZ 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADM3260ARSZ
상세설명  Hot Swappable, Dual I2C Isolators with Integrated DC-to-DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3260ARSZ 데이터시트(HTML) 2 Page - Analog Devices

  ADM3260ARSZ Datasheet HTML 1Page - Analog Devices ADM3260ARSZ Datasheet HTML 2Page - Analog Devices ADM3260ARSZ Datasheet HTML 3Page - Analog Devices ADM3260ARSZ Datasheet HTML 4Page - Analog Devices ADM3260ARSZ Datasheet HTML 5Page - Analog Devices ADM3260ARSZ Datasheet HTML 6Page - Analog Devices ADM3260ARSZ Datasheet HTML 7Page - Analog Devices ADM3260ARSZ Datasheet HTML 8Page - Analog Devices ADM3260ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADM3260
Data Sheet
Rev. E | Page 2 of 19
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/5 V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics—5 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 4
DC-to-DC Converter Characteristics ....................................... 4
Digital Isolator DC Specifications.............................................. 5
Digital Isolator AC Specifications.............................................. 5
Package Characteristics ............................................................... 6
Regulatory Approvals .................................................................. 7
Insulation and Safety Related Specifications............................ 7
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics .............................................................................. 8
Recommended Operating Conditions.......................................9
Absolute Maximum Ratings......................................................... 10
ESD Caution ............................................................................... 10
VISO Voltage Truth Table........................................................ 10
Pin Configuration and Function Descriptions .......................... 11
Typical Performance Characteristics .......................................... 12
Test Condition................................................................................ 14
Applications Information ............................................................. 15
Functional Description.............................................................. 15
Digital Isolator Startup.............................................................. 16
Typical Application Diagram................................................... 16
PCB Layout ................................................................................. 16
Thermal Analysis ....................................................................... 17
EMI Considerations................................................................... 17
Insulation Lifetime..................................................................... 17
Applications Example.................................................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
6/2020—Rev. D to Rev. E
Change to PCB Layout Section..................................................... 16
11/2017—Rev. C to Rev. D
Change to Table 1............................................................................. 1
3/2016—Rev. B to Rev. C
Changed VDDP (V) to VIN (V), Table 15 ................................. 10
4/2015—Rev. A to Rev. B
Changes to Features Section............................................................1
Changes to Table 9 and Table 10 ....................................................7
Changes to Functional Description Section............................... 15
6/2014—Rev. 0 to Rev. A
Changes to Pin 8, Table 16............................................................ 11
12/2013—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com