전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB7006 데이터시트(PDF) 52 Page - Microchip Technology

부품명 USB7006
상세설명  6-Port USB 3.2 Gen 1 Controller Hub
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 데이터시트(HTML) 52 Page - Microchip Technology

Back Button USB7006 Datasheet HTML 47Page - Microchip Technology USB7006 Datasheet HTML 48Page - Microchip Technology USB7006 Datasheet HTML 49Page - Microchip Technology USB7006 Datasheet HTML 50Page - Microchip Technology USB7006 Datasheet HTML 51Page - Microchip Technology USB7006 Datasheet HTML 52Page - Microchip Technology USB7006 Datasheet HTML 53Page - Microchip Technology USB7006 Datasheet HTML 54Page - Microchip Technology USB7006 Datasheet HTML 55Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
2021 Microchip Technology Inc.
DS00003715A-page 52
USB7006
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
Device:
USB7006
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0C to +70C (Commercial)
I
= -40C to +85C (Industrial/Automotive Grade 3)
Package:
KDX
= 100-pin VQFN
Automotive
Code:
Vxx
= 3 character code with “V” prefix,
specifying automotive product
Examples:
a)
USB7006/KDX
Tray, 0C to +70C, 100-pin VQFN
b)
USB7006T/KDX
Tape & reel, 0C to +70C, 100-pin VQFN
c)
USB7006-I/KDX
Tray, -40C to +85C, 100-pin VQFN
d)
USB7006T-I/KDX
Tape & reel, -40C to +85C, 100-pin VQFN
e)
USB7006-I/KDXVAO
Tray, -40C to +85C, Automotive Grade 3,
100-pin VQFN
f)
USB7006T-I/KDXVAO
Tape & reel, -40C to +85C, Automotive Grade 3,
100-pin VQFN
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
[X](1)
Tape and Reel
Option
-
/
XXX
Automotive
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55