| 전자부품 데이터시트 검색엔진 |
|
EVK-R4 데이터시트(PDF) 13 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
EVK-R4 데이터시트(HTML) 13 Page - u-blox AG |
|
13 / 31 page ![]() EVK-R4 - User guide UBX-16029216 - R08 Starting up Page 13 of 31 C1-Public 1.7 EVK-R412M pinout SARA-R412M DIL B2B SARA-R412M DIL B2B Pin N° Name Name / Pin N° Pin N° Name Name / Pin N° 1 GND J301 pins 7-8-9-10 33 RSVD Not available 2 RSVD J301 pin 3 34 I2S_WA Not available 3 GND J301 pins 7-8-9-10 35 I2S_TXD Not available 4 V_INT J301 pin 36 36 I2S_CLK Not available 5 GND J301 pins 7-8-9-10 37 I2S_RXD Not available 6 DSR J301 pin 18 38 SIM_CLK J300 pin 15 7 RI J301 pin 17 39 SIM_IO J300 pin 14 8 DCD J301 pin 11 40 SIM_RST J300 pin 16 9 DTR J301 pin 12 41 VSIM J300 pin 13 10 RTS J301 pin 13 42 GPIO5 J301 pin 23 11 CTS J301 pin 14 43 GND J301 pins 7-8-9-10 12 TXD J301 pin 15 44 SDIO_D2 J301 pin 30 13 RXD J301 pin 16 45 SDIO_CLK J300 pin 19 14 GND J301 pins 7-8-9-10 46 SDIO_CMD J300 pin 18 15 PWR_ON J301 pin 29 47 SDIO_D0 J300 pin 17 16 GPIO1 J301 pin 33 48 SDIO_D3 J301 pin 39 17 VUSB_DET Not available 49 SDIO_D1 J301 pin 37 18 RESET_N J300 pin 26 50 GND J301 pins 7-8-9-10 19 GPIO6 J301 pin 24 51 VCC J300 pins 7-8-9-10 20 GND J301 pins 7-8-9-10 52 VCC J300 pins 7-8-9-10 21 GND J301 pins 7-8-9-10 53 VCC J300 pins 7-8-9-10 22 GND J301 pins 7-8-9-10 54 GND J301 pins 7-8-9-10 23 GPIO2 J301 pin 31 55 GND J301 pins 7-8-9-10 24 GPIO3 J301 pin 32 56 ANT Not available 25 GPIO4 J301 pin 25 57 GND J301 pins 7-8-9-10 26 SDA J300 pin 21 58 GND J301 pins 7-8-9-10 27 SCL J300 pin 20 59 GND J301 pins 7-8-9-10 28 USB_D- Not available 60 GND J301 pins 7-8-9-10 29 USB_D+ Not available 61 GND J301 pins 7-8-9-10 30 GND J301 pins 7-8-9-10 62 ANT_DET Not available 31 RSVD Not available 63 GND J301 pins 7-8-9-10 32 GND J301 pins 7-8-9-10 64 GND J301 pins 7-8-9-10 Table 5: Interfaces of the SARA-R412M module, as routed on the 42-pin dual-in-line board-to-board connectors (J300, J301) available on the adapter board ADP-R412M of the EVK-R412M evaluation kit ☞ The pins / interfaces that are not supported by a specific SARA-R4 product version should not be driven by an external device (see the SARA-R4 series data sheet [2] and the SARA-R4 series system integration manual [3] for features supported by each SARA-R4 module product version). |