전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTY050LVEAX 데이터시트(PDF) 8 Page - Honeywell Solid State Electronics Center

부품명 RTY050LVEAX
상세설명  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050LVEAX 데이터시트(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button RTY050LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
sensing.honeywell.com
RTY Series and RTP Series
Table 4 RTY Series Functional Characteristics1
Characteristic
Standard Output
Inverted Output
Sensing
Angle
Linearity
Error2
Accuracy
Error3
50° (±25°)
±1.0%
±1.6%
60° (±35°)
70° (±35°)
90° (±45°)
120° (±60°)
180° (±90°)
270° (±135°)
360° (±180°)
1
See Figure 3 for references to
.
2
Linearity error is the deviation of the measured value from the best fit line and is the quotient of the measured output ratio deviation from the
best fit line at the measured temperature to the best fit line output ratio span at the measured temperature.
3
Accuracy is measured as a deviation from the index line, where the index line is defined as the line with the ideal slope and sensor output
voltage corrected at 0º position for its ideal value at 25 °C ±5 °C. Accuracy is valid only when the sensor output is correct at 0º position for its
ideal value in the application.
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com