전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTY050LVEAX 데이터시트(PDF) 9 Page - Honeywell Solid State Electronics Center

부품명 RTY050LVEAX
상세설명  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050LVEAX 데이터시트(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button RTY050LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY050LVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
sensing.honeywell.com
Hall-effect Rotary Position Sensors
Table 5. RTP Series Functional Characteristics1
Characteristic
Standard Output
Inverted Output
Sensing
Angle
Linearity
Error2
Accuracy
Error
50° (±25°)
±2.0%
—
60° (±35°)
70° (±35°)
90° (±45°)
120° (±60°)
180° (±90°)
270° (±135°)
350° (±175°)
360° (±180°)
1
See Figure 4 for references to
.
2
Linearity error is the deviation of the measured value from the best fit line and is the quotient of the measured output ratio deviation from the best
fit line at the measured temperature to the best fit line output ratio span at the measured temperature.
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
-175
+175
0
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
-175
+175
0
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com