전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTY060LVEAX 데이터시트(PDF) 4 Page - Honeywell Solid State Electronics Center

부품명 RTY060LVEAX
상세설명  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY060LVEAX 데이터시트(HTML) 4 Page - Honeywell Solid State Electronics Center

  RTY060LVEAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
sensing.honeywell.com
RTY Series and RTP Series
NOTICE
Ferrous material or magnet material more
than 300 Gauss within 10 mm [0.39 in]
from sensor boundary may impact
sensor performance.
Table 3. Environmental Specifications
Characteristic
RTY Series
RTP Series
LV (Low Voltage)
HV (High Voltage)
LV (Low Voltage)
HV (High Voltage)
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Ingress protection
IP69K
Media compatibility
heavy transportation fluids
Shock1
50 G peak
Vibration1
20 G peak
Salt fog
concentration 5% ±1% for 240 hr per SAE J1455
Section 4.3.3.1 (at 5.0 Vdc, 38 °C [100 F °])
bare magnet: 96 hr for as per ASTM B117
housed magnet: 240 hr per ASTM B117
1
Does not apply RTY Series sensor shaft with lever.
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 2
Figure 1. All Available Configurations
Series
Actuator Type
Series
Actuator Type
RTY
Integral shaft without lever
RTP
Separate bare magnet
Integral shaft with lever
Separate housed magnet



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com