전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTY060LVEAX 데이터시트(PDF) 7 Page - Honeywell Solid State Electronics Center

부품명 RTY060LVEAX
상세설명  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY060LVEAX 데이터시트(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button RTY060LVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY060LVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
sensing.honeywell.com
Hall-effect Rotary Position Sensors
Figure 4. RTP Series Mounting Dimensions (For reference only: mm [in].)
Sensor with bare magnet actuator
Output diagram
Sensor with housed magnet actuator
Output Diagram
32,00 ±0,15
[1.26 ±0.01]
43,3
[1.70]
18,5
[0.73]
56,9
[2.24]
10,80
[0.43]
17,8
[0.70]
11,00
[0.43]
2X
ø4,30 ±0,5
[0.17±0.02]
ø5,00
[0.20]
ø12,00
[0.47]
5,00
[0.20]
Mounting
surface
3,00 ±0,5 Air gap
[0.12 ±0.02]
Bare
magnet
actuator
1
Sensing
surface
θ
−θ/2°
+θ/2°
A
B
C
16,00
[0.63]
Orientation
hole
16,00
[0.63]
2X M3 X 0.5
θ
−θ/2°
+θ/2°
A
B
C
10,80
[0.43]
17,8
[0.70]
14,0
[0.55]
16,0 ±0,5
[0.63 ±0.02]
43,3
[1.70]
18,5
[0.73]
56,9
[2.24]
6,0
[0.24]
ø15,00
[0.59]
Housed
magnet
actuator
ø8,00
[0.31]
4,50
[0.18]
Sensing
surface
2
1
2X
ø4,30 ±0,5
[0.17±0.02]
Mounting
surface
32,00 ±0,15
[1.26 ±0.01]
2,00 ±0,5 Air gap
[0.08 ±0.02]
Orientation
arrow
Bare Magnet
Housed Magnet
Non-magnetic, stainless steel M4 X 0.7 screws and
8 mm [0.39 in] OD washers, torque is 2,0 ±0,2 N m
[17.7 ±1.8 in-lb].
Non-magnetic, stainless steel M3 X 0.5 plain cup point set
screws, torque is 0,5 N m to 0,6 N m [4.42 in-lb to 5.31 in-lb]
Non-magnetic, stainless steel M4 X 0.7 screws and
8 mm [0.31 in] OD washers, torque is 2,0 ±0,2 N m
[17.7 ±1.8 in-lb].
1
1
2
Standard Output
= Left output: 0.5 Vdc
= Zero reference
= Right output: 4.5 Vdc
Inverted Output
= Left output: 4.5 Vdc
= Zero reference
= Right output: 0.5 Vdc
A
B
C
A
B
C
Standard Output
= Left output: 0.5 Vdc
= Zero reference
= Right output: 4.5 Vdc
Inverted Output
= Left output: 4.5 Vdc
= Zero reference
= Right output: 0.5 Vdc
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com