전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G4 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STSPIN32G4
상세설명  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 6Page - STMicroelectronics STSPIN32G4 Datasheet HTML 7Page - STMicroelectronics STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics STSPIN32G4 Datasheet HTML 10Page - STMicroelectronics STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
MTCH
Delay matching between
channels
(2)
0
50
ns
RDS_diode
Bootstrap diode on-resistance
100
200
Ω
RPDin
Input lines pull-down resistor
500
kΩ
tFAULT,reset
Fault reset time
160
µs
RPU,I2C
I2C lines pull-up resistors
4
kΩ
I2C speed
I2C speed
0.1
1
Mbps
Standby
ISTBY
Overall standby consumption
from VM
VM = 75 V
Standby regulator enabled, MCU
consumption excluded
15
30
µA
tSTBY
Standby time
100
µs
VREGStby
Standby regulator output
voltage
VM = 5 V
IREG3V3 = 1 mA
3
3.3
3.6
V
IREGStby,lim
Standby regulator current limit
VM = 5.5 V, Tamb = 25°C
5
mA
tWAKE,LDO
3.3V LDO wake-up time
10
µs
VDS monitoring protection
VDSth
VDS monitoring protection
threshold
VSCREF = 0.2 V, Tamb = 25°C
0.1
0.2
0.3
V
VSCREF = 1 V, Tamb = 25°C
0.8
1
1.2
VSCREF = 2.5 V, Tamb = 25°C
2.2
2.5
2.8
VSCREF,en
VDS monitoring protection
enable voltage
2.55
V
VSCREF,dis
VDS monitoring protection
disable voltage
2.9
V
RSCREF
VDS monitoring protection
reference pull-down resistor
400
kΩ
tDFSC
VDS monitoring protection
deglitch filter time
VDS_P_DEG = 00
6
µs
VDS_P_DEG = 01
4
VDS_P_DEG = 10
3
VDS_P_DEG = 11
2
1. MT = max. (|ton(GLS) - toff(GLS)|, |ton(GHS) - toff(GHS)|, |toff(GLS) - ton(GHS)|, |toff(GHS) - ton(GLS)|).
2. MTCH is the difference between the ton and toff of a channel and the same timings of any other channel.
STSPIN32G4
Electrical characteristics
DS13630 - Rev 1
page 10/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com