| 전자부품 데이터시트 검색엔진 |
|
32L476GDISCOVERY 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32L476GDISCOVERY 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 37 page ![]() Demonstration firmware package UM1919 14/37 DocID028080 Rev 1 3.3 STM32L476G discovery board BSP The board drivers available within the stm32l476g-discoveryXXX.c/.h files (see Figure 7) implement the board capabilities and the bus link mechanism for the board components (LEDs, buttons, audio, compass, glass LCD, Quad-SPI Flash memory, etc…) Figure 7. Discovery BSP structure The components present on the STM32L476G discovery board are controlled by dedicated BSP drivers. These are: • The L3GD20 gyroscope in stm32l476g_discovery_accelerometer.c/.h • The CS43L22 audio codec in stm32l476g_discovery_audio.c/.h • The LSM303C e-Compass in stm32l476g_discovery_compass.c/.h • The LCD glass 8x40 in stm32l476g_discovery_glass_lcd.c/.h • The MFXSTM32L152 for Idd measurement in stm32l476g_discovery_idd.c/.h • The 16 Mbytes Micron N25Q128A13 Quad-SPI Flash memory in stm32l476g_discovery_qspi.c/.h |