| 전자부품 데이터시트 검색엔진 |
|
32L476GDISCOVERY 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32L476GDISCOVERY 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 37 page ![]() DocID028080 Rev 1 29/37 UM1919 Demonstration firmware settings 36 5.5.4 Heap The Heap size is defined in FreeRTOSConfig.h as follows: Heap usage in the firmware demonstration is dedicated to: • OS resources (tasks, queues, mutexes, memory allocation) • Application memory allocation requirements The demonstration firmware implements a hook in main.c to control the memory allocation in the heap Table 11. Heap usage Applications Description Function (File) Memory requirements (bytes) Audio Record Record buffer AudioRecorder_Start() (Audiorecorder.c) 1024 Guitar tuner Record buffer GuitarTuner_Run() (Guitartuner.c) 4096 Guitar tuner Guitar tuner library Processing buffer used by Guitar tuner library GuitarTuner_Init() (Guitartuner.c) < 16 Kbytes Soundmeter Record buffer SoundMeter_Run() (Soundmeter.c) 960 Soundmeter Soundmeter library Processing buffer used by Soundmeter library SoundMeter_Init() (Soundmeter.c) < 6 Kbytes |