| 전자부품 데이터시트 검색엔진 |
|
ANT-W63-MON-RPS 데이터시트(PDF) 19 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63-MON-RPS 데이터시트(HTML) 19 Page - Linx Technologies |
|
19 / 24 page ![]() 19 Datasheet ANT-W63-MON-ccc VSWR Figure 25 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 50 1 2 3 4 5 6 7 2400 2700 3000 3300 3600 3900 4200 4500 4800 5100 5400 5700 6000 6300 6600 6900 7200 Frequency (MHz) Figure 25. ANT-W63-MON VSWR, Straight Straight, Edge of Ground Plane (102 mm x 102 mm Ground Plane) The charts on the following pages represent data taken with the antenna oriented straight, as shown in Figure 24. Figure 24. ANT-W63-MON-ccc Straight, Edge of Ground Plane (Straight) |