전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HCS153 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HCS153
상세설명  SN74HCS153-Q1 Automotive Dual 4-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS153 데이터시트(HTML) 21 Page - Texas Instruments

Back Button SN74HCS153 Datasheet HTML 17Page - Texas Instruments SN74HCS153 Datasheet HTML 18Page - Texas Instruments SN74HCS153 Datasheet HTML 19Page - Texas Instruments SN74HCS153 Datasheet HTML 20Page - Texas Instruments SN74HCS153 Datasheet HTML 21Page - Texas Instruments SN74HCS153 Datasheet HTML 22Page - Texas Instruments SN74HCS153 Datasheet HTML 23Page - Texas Instruments SN74HCS153 Datasheet HTML 24Page - Texas Instruments SN74HCS153 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74HCS153QDRQ1
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74HCS153QPWRQ1
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74HCS153QWBQBRQ
1
WQFN
BQB
16
3000
180.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Dec-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31