전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6219R 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6219R
상세설명  STEPPER MOTOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R 데이터시트(HTML) 1 Page - STMicroelectronics

  L6219R Datasheet HTML 1Page - STMicroelectronics L6219R Datasheet HTML 2Page - STMicroelectronics L6219R Datasheet HTML 3Page - STMicroelectronics L6219R Datasheet HTML 4Page - STMicroelectronics L6219R Datasheet HTML 5Page - STMicroelectronics L6219R Datasheet HTML 6Page - STMicroelectronics L6219R Datasheet HTML 7Page - STMicroelectronics L6219R Datasheet HTML 8Page - STMicroelectronics L6219R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L6219R
May 2005
1
Features
■ ABLE TO DRIVE BOTH WINDINGS OF
BIPOLAR STEPPER MOTOR
■ OUTPUT CURRENT UP TO 500mA EACH
WINDING
■ WIDE VOLTAGE RANGE 4.5V TO 10V
■ HALF-STEP, FULL-STEP AND MICROSTEPP-
ING MODE
■ BUILT-IN PROTECTION DIODES
■ INTERNAL PWM CURRENT CONTROL
■ LOW OUTPUT SATURATION VOLTAGE
■ DESIGNED FOR UNSTABILIZED MOTOR
SUPPLY VOLTAGE
■ INTERNAL THERMAL SHUTDOWN
2
Description
The L6219R is a bipolar monolithic integrated circuits
intended to control and drive both winding of a bipolar
stepper motor or bidirectionally control two DC mo-
tors.The L6219R with a few external components
form a complete control and drive circuit for LS-TTL
or microprocessor controlled stepper motor sys-
tem.The power stage is a dual full bridge capable of
sustaining 10V and including four diodes for current
recirculation.A cross conduction protection is provid-
ed to avoid simultaneous cross conduction during
switching current direction.An internal pulse-width-
modulation (PWM) controls the output current to
500mA with peak start-up current up to 1A.
Wide range of current control from 500mA (each
bridge) is permitted by means of two logic inputs and
an external voltage reference. A phase input to each
bridge determines the load current direction.A ther-
mal protection circuitry disables the outputs if the
chip temperature exceeds safe operating limits.
STEPPER MOTOR DRIVER
Figure 2. Block Diagram
Figure 1. Package
Table 1. Order Codes
(1)
Lead free package.
To order these kinds of products, add the “E-” prefix before the
respective Part Numbers (eg. E-XXXXX).
Ecopack(1)
Part Number
Package
E-
L6219R
SO24
SO24 (2+2)
Rev. 2


유사한 부품 번호 - L6219R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
L6219R013TR STMICROELECTRONICS-L6219R013TR Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
More results

유사한 설명 - L6219R

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
UDN2916A STMICROELECTRONICS-UDN2916A Datasheet
128Kb / 8P
STEPPER MOTOR DRIVER
Nov-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com