전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6219R 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6219R
상세설명  STEPPER MOTOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R 데이터시트(HTML) 4 Page - STMicroelectronics

  L6219R Datasheet HTML 1Page - STMicroelectronics L6219R Datasheet HTML 2Page - STMicroelectronics L6219R Datasheet HTML 3Page - STMicroelectronics L6219R Datasheet HTML 4Page - STMicroelectronics L6219R Datasheet HTML 5Page - STMicroelectronics L6219R Datasheet HTML 6Page - STMicroelectronics L6219R Datasheet HTML 7Page - STMicroelectronics L6219R Datasheet HTML 8Page - STMicroelectronics L6219R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L6219R
4/11
*) ICEX is the sum of the leakage of the power switch and recirculation diode.
Figure 4.
IIN(L)
Input Current
VIN = 0.84V
-
-3
-200
µA
VREF
Reference Voltage
Operating
1.5
-
2
V
ISS(ON)
Total Logic Supply Current
Io = I1 = 0.8V, No Load
-
44
60
mA
ISS(OFF)
Total Logic Supply Current
Io = I1 = 2.4V, No Load
-
10
14
mA
COMPARATORS
VREF/
Vsense
Current Limit Threshold (at trip
point)
Io = I1 = 0.8V
9.5
10
10.5
-
Io = 2.4V, I1 = 0.8V
13.5
15
16.5
-
Io = 0.8V, I1 = 2.4V
25.5
30
34.5
-
toff
Cutoff Time
Rt = 56K
Ω Ct = 820pF
-
50
µs
td
Turn Off Delay
Fig. 1
-
1
µs
PROTECTION
TJ
Thermal Shutdown Temperature
-
170
-
°C
Table 5. Electrical Characteristics (continued)
(Tj = 25°C, VS = 4.5V, VSS = 4.75V to 5.25V, VREF = 2V; unless otherwise specified) See fig. 6
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com