| 전자부품 데이터시트 검색엔진 |
|
STM32F469AE 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469AE 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 220 page ![]() Pinouts and pin description STM32F469xx 70/220 DS11189 Rev 7 6. If the device is delivered in an WLCSP168, UFBGA169, UFBGA176, LQFP176 or TFBGA216 package, and the BYPASS_REG pin is set to VDD (Regulator OFF/internal reset ON mode), then PA0 is used as an internal Reset (active low). 7. PI0 and PI1 cannot be used for I2S2 full-duplex mode. |