| 전자부품 데이터시트 검색엔진 |
|
STM32F469AE 데이터시트(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469AE 데이터시트(HTML) 82 Page - STMicroelectronics |
|
82 / 220 page ![]() Port I PI0 - - TIM5_CH4 - - SPI2_NSS/I 2S2_WS - - - - - - FMC_D24 DCMI_D13 LCD_G5 EVENT OUT PI1 - - - - - SPI2_SCK/I 2S2_CK - - - - - - FMC_D25 DCMI_D8 LCD_G6 EVENT OUT PI2 - - - TIM8_CH4 - SPI2_MISO I2S2ext_S D - - - - - FMC_D26 DCMI_D9 LCD_G7 EVENT OUT PI3 - - - TIM8_ETR - SPI2_MOSI /I2S2_SD - - - - - - FMC_D27 DCMI_D10 EVENT OUT PI4 - - - TIM8_BKI N - - - - - - - - FMC_NBL2 DCMI_D5 LCD_B4 EVENT OUT PI5 - - - TIM8_CH1 - - - - - - - - FMC_NBL3 DCMI_VS YNC LCD_B5 EVENT OUT PI6 - - - TIM8_CH2 - - - - - - - - FMC_D28 DCMI_D6 LCD_B6 EVENT OUT PI7 - - - TIM8_CH3 - - - - - - - - FMC_D29 DCMI_D7 LCD_B7 EVENT OUT PI8 - - - - - - - - - - - - - - EVENT OUT PI9 - - - - - - - - - CAN1_RX - - FMC_D30 - LCD_VSY NC EVENT OUT PI10 - - - - - - - - - - - ETH_MII_RX_ ER FMC_D31 - LCD_HSY NC EVENT OUT PI11 - - - - - - - - - LCD_G6 OTG_HS _ULPI _DIR -- - - EVENT OUT PI12 - - - - - - - - - - - - - - LCD_HSY NC EVENT OUT PI13 - - - - - - - - - - - - - - LCD_VSY NC EVENT OUT PI14 - - - - - - - - - - - - - - LCD_CLK EVENT OUT PI15 - - - - - - - - - LCD_G2 - - - - LCD_R0 EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS |