| 전자부품 데이터시트 검색엔진 |
|
STM32469VG 데이터시트(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG 데이터시트(HTML) 58 Page - STMicroelectronics |
|
58 / 220 page ![]() Pinouts and pin description STM32F469xx 58/220 DS11189 Rev 7 - 9 F3 G10 E2 16 16 D2 PF0 I/O FT I2C2_SDA, FMC_A0, EVENTOUT - - 10 G3 H10 H3 17 17 E2 PF1 I/O FT I2C2_SCL, FMC_A1, EVENTOUT - - 11 G5 G12 H2 18 18 G2 PF2 I/O FT I2C2_SMBA, FMC_A2, EVENTOUT - - - - - - - 19 E3 PI12 I/O FT LCD_HSYNC, EVENTOUT - - - - - - - 20 G3 PI13 I/O FT LCD_VSYNC, EVENTOUT - - - - - - - 21 H3 PI14 I/O FT LCD_CLK, EVENTOUT - - 12 H4 H11 J2 19 22 H2 PF3 I/O FT (5) FMC_A3, EVENTOUT ADC3_IN9 - 13 L4 J10 J3 20 23 J2 PF4 I/O FT (5) FMC_A4, EVENTOUT ADC3_IN14 - 14 H3 H12 K3 21 24 K3 PF5 I/O FT (5) FMC_A5, EVENTOUT ADC3_IN15 7 15 G7 J11 G2 22 25 H6 VSS S - - - - 8 16 G8 J12 G3 23 26 H5 VDD S - - - - - - - - K2 24 27 K2 PF6 I/O FT (5) TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_Rx, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 - - - - K1 25 28 K1 PF7 I/O FT (5) TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_Tx, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 - - - - L3 26 29 L3 PF8 I/O FT (5) SPI5_MISO, SAI1_SCK_B, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - - - - L2 27 30 L2 PF9 I/O FT (5) SPI5_MOSI, SAI1_FS_B, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - 17 H1 K10 L1 28 31 L1 PF10 I/O FT (5) QUADSPI_CLK, DCMI_D11, LCD_DE, EVENTOUT ADC3_IN8 9 18 G2 K11 G1 29 32 G1 PH0-OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN 10 19 G1 K12 H1 30 33 H1 PH1-OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT 11 20 H2 H9 J1 31 34 J1 NRST I/O RST - 12 21 M1 J9 M2 32 35 M2 PC0 I/O FT (5) OTG_HS_ULPI_STP, FMC_SDNWE, LCD_R5, EVENTOUT ADC123_ IN10 Table 10. STM32F469xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |