| 전자부품 데이터시트 검색엔진 |
|
STM32469VG 데이터시트(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG 데이터시트(HTML) 79 Page - STMicroelectronics |
|
79 / 220 page ![]() Port F PF0 - - - - I2C2_SDA - - - - - - - FMC_A0 - - EVENT OUT PF1 - - - - I2C2_SCL - - - - - - - FMC_A1 - - EVENT OUT PF2 - - - - I2C2_SMBA - - - - - - - FMC_A2 - - EVENT OUT PF3 - - - - - - - - - - - - FMC_A3 - - EVENT OUT PF4 - - - - - - - - - - - - FMC_A4 - - EVENT OUT PF5 - - - - - - - - - - - - FMC_A5 - - EVENT OUT PF6 - - - TIM10_CH 1 -SPI5_NSS SAI1_ SD_B - UART7_ Rx QUADSPI_ BK1_IO3 -- - - - EVENT OUT PF7 - - - TIM11_CH 1 -SPI5_SCK SAI1_ MCLK_B - UART7_ Tx QUADSPI_ BK1_IO2 -- - - - EVENT OUT PF8 - - - - - SPI5_MISO SAI1_ SCK_B - - TIM13_CH1 QUADSPI _BK1_IO0 -- - - EVENT OUT PF9 - - - - - SPI5_MOSI SAI1_ FS_B - - TIM14_CH1 QUADSPI _BK1_IO1 -- - - EVENT OUT PF10 - - - - - - - - - QUADSPI_ CLK - - DCMI_D11 LCD_DE EVENT OUT PF11 - - - - - SPI5_MOSI - - - - - - FMC_SDN RAS DCMI_D12 - EVENT OUT PF12 - - -- - - - - - - - - FMC_A6 -- EVENT OUT PF13 - - -- - - - - - - - - FMC_A7 -- EVENT OUT PF14 - - -- - - - - - - - - FMC_A8 -- EVENT OUT PF15 - - -- - - - - - - - - FMC_A9 -- EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS |