| 전자부품 데이터시트 검색엔진 |
|
STM32469ZI 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 220 page ![]() DS11189 Rev 7 59/220 STM32F469xx Pinouts and pin description 83 13 22 N1 L12 M3 33 36 M3 PC1 I/O FT (5) TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, ETH_MDC, EVENTOUT ADC123_ IN11 14 23 - - M4 34 37 M4 PC2 I/O FT (5) SPI2_MISO, I2S2ext_SD, OTG_HS_ULPI_DIR, ETH_MII_TXD2, FMC_SDNE0, EVENTOUT ADC123_ IN12 15 24 - - M5 35 38 L4 PC3 I/O FT (5) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, FMC_SDCKE0, EVENTOUT ADC123_ IN13 - 25 - - - 36 39 J5 VDD S - - - - -- - - - -- J6 VSS S - - - - 16 26 J2 L11 M1 37 40 M1 VSSA S - - - - -- - - N1 -- N1 VREF- S - - - - 17 27 - - P1 38 41 P1 VREF+ S - - - - 18 28 J3 M12 R1 39 42 R1 VDDA S - - - - 19 29 J5 L10 N3 40 43 N3 PA0-WKUP(PA0) I/O FT (6) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, ETH_MII_CRS, EVENTOUT ADC123_IN0, WKUP 20 30 K1 K9 N2 41 44 N2 PA1 I/O FT (5) TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, ETH_MII_RX_CLK/ETH_R MII_REF_CLK, LCD_R2, EVENTOUT ADC123_IN1 21 31 K2 L9 P2 42 45 P2 PA2 I/O FT (5) TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, ETH_MDIO, LCD_R1, EVENTOUT ADC123_IN2 - - L2 M11 F4 43 46 K4 PH2 I/O FT - QUADSPI_BK2_IO0, ETH_MII_CRS, FMC_SDCKE0, LCD_R0, EVENTOUT - - - L1 N12 G4 44 47 J4 PH3 I/O FT - QUADSPI_BK2_IO1, ETH_MII_COL, FMC_SDNE0, LCD_R1, EVENTOUT - - - M2 M10 H4 45 48 H4 PH4 I/O FT - I2C2_SCL, LCD_G5, OTG_HS_ULPI_NXT, LCD_G4, EVENTOUT - Table 10. STM32F469xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |