전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32469ZI 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32469ZI
상세설명  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469ZI 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32469ZI Datasheet HTML 57Page - STMicroelectronics STM32469ZI Datasheet HTML 58Page - STMicroelectronics STM32469ZI Datasheet HTML 59Page - STMicroelectronics STM32469ZI Datasheet HTML 60Page - STMicroelectronics STM32469ZI Datasheet HTML 61Page - STMicroelectronics STM32469ZI Datasheet HTML 62Page - STMicroelectronics STM32469ZI Datasheet HTML 63Page - STMicroelectronics STM32469ZI Datasheet HTML 64Page - STMicroelectronics STM32469ZI Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 220 page
background image
DS11189 Rev 7
61/220
STM32F469xx
Pinouts and pin description
83
30
42
K5
N9
R4
57
62
R4
PB1
I/O
FT
(5)
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, LCD_R6,
OTG_HS_ULPI_D2,
ETH_MII_RXD3, LCD_G0,
EVENTOUT
ADC12_IN9
31
43
L5
P9
M6
58
63
M5
PB2-
BOOT1(PB2)
I/O
FT
-
EVENTOUT
-
-
-
-
-
-
-
64
G4
PI15
I/O
FT
-
LCD_G2, LCD_R0,
EVENTOUT
-
-
-
---
-
65
R6
PJ0
I/O
FT
-
LCD_R7, LCD_R1,
EVENTOUT
-
-
-
-
-
-
-
66
R7
PJ1
I/O
FT
-
LCD_R2, EVENTOUT
-
-
-
---
-
67
P7
PJ2
I/O
FT
-
DSIHOST_TE, LCD_R3,
EVENTOUT
-
-
-
-
-
-
-
68
N8
PJ3
I/O
FT
-
LCD_R4, EVENTOUT
-
-
-
-
-
-
-
69
M9
PJ4
I/O
FT
-
LCD_R5, EVENTOUT
-
-
44
M5
K7R659
70
P8
PF11
I/O
FT
-
SPI5_MOSI,
FMC_SDNRAS,
DCMI_D12, EVENTOUT
-
-
45
N5
M8
P6
60
71
M6
PF12
I/O
FT
-
FMC_A6, EVENTOUT
-
-
-
J6
N8
M8
61
72
K7
VSS
S
-
-
-
-
-
46
K6
P8N862
73
L8
VDD
S
-
-
-
-
-
47
M4
J7
N663
74N6
PF13
I/O
FT
-
FMC_A7, EVENTOUT
-
-
48H5
L7
R764
75
P6
PF14
I/O
FT
-
FMC_A8, EVENTOUT
-
-
49M6
H8
P7
65
76M8
PF15
I/O
FT
-
FMC_A9, EVENTOUT
-
-
50N6
J6
N766
77N7
PG0
I/O
FT
-
FMC_A10, EVENTOUT
-
-
51M7
P7
M767
78M7
PG1
I/O
FT
-
FMC_A11, EVENTOUT
-
32
52
N7
N7
R8
68
79
R8
PE7
I/O
FT
-
TIM1_ETR, UART7_Rx,
QUADSPI_BK2_IO0,
FMC_D4, EVENTOUT
-
33
53
G6
M7
P8
69
80
N9
PE8
I/O
FT
-
TIM1_CH1N, UART7_Tx,
QUADSPI_BK2_IO1,
FMC_D5, EVENTOUT
-
34
54
H6
K6
P9
70
81
P9
PE9
I/O
FT
-
TIM1_CH1,
QUADSPI_BK2_IO2,
FMC_D6, EVENTOUT
-
-
55
J7
-
M9
71
82
K8
VSS
S
-
-
-
-
-
56
L6
-
N9
72
83
L9
VDD
S
-
-
-
-
35
57
H7
P6
R9
73
84
R9
PE10
I/O
FT
-
TIM1_CH2N,
QUADSPI_BK2_IO3,
FMC_D7, EVENTOUT
-
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More