| 전자부품 데이터시트 검색엔진 |
|
STM32L072XZ 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072XZ 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 160 page ![]() DS10689 Rev 5 45/160 STM32L072xx Pin descriptions 58 - - - - 9 E2 C4 16 J2 PC1 I/O FTf - LPTIM1_OUT, EVENTOUT, TSC_G7_IO2, LPUART1_TX, I2C3_SDA ADC_IN11 - - - - 10 F2 E7 17 J3 PC2 I/O FTf - LPTIM1_IN2, SPI2_MISO/ I2S2_MCK, TSC_G7_IO3 ADC_IN12 - - - - 11 - - 18 K2 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, TSC_G7_IO4 ADC_IN13 - 4 8 8 12 F1 - 19 J1 VSSA S - - - - - - - - - - 20 K1 VREF- S - - - - - - - - G1 E6 21 L1 VREF+ S - - - 559 9 13 H1 F7 22 M1 VDDA S - - - 6 6 10 10 14 G2 E5 23 L2 PA0 I/O TT a - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, USART4_TX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/ WKUP1 7 7 11 11 15 H2 E4 24 M2 PA1 I/O FT - EVENTOUT, TIM2_CH2, TSC_G1_IO2, USART2_RTS/ USART2_DE, TIM21_ETR, USART4_RX COMP1_INP, ADC_IN1 8 8 12 12 16 F3 F6 25 K3 PA2 I/O FT - TIM21_CH1, TIM2_CH3, TSC_G1_IO3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2 Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |