| 전자부품 데이터시트 검색엔진 |
|
STM32L072XZ 데이터시트(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072XZ 데이터시트(HTML) 47 Page - STMicroelectronics |
|
47 / 160 page ![]() DS10689 Rev 5 47/160 STM32L072xx Pin descriptions 58 15 15 19 19 27 G5 D3 36 M6 PB1 I/O FT - TIM3_CH4, TSC_G3_IO3, LPUART1_RTS/ LPUART1_DE ADC_IN9, VREF_OUT - - 20 20 28 G6 E3 37 L6 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4, I2C3_SMBA - - - --- - - 38 M7 PE7 I/O FT - USART5_CK, USART5_RTS/ USART5_DE - - - - - - - - 39 L7 PE8 I/O FT - USART4_TX - - - --- - - 40 M8 PE9 I/O FT - TIM2_CH1, TIM2_ETR, USART4_RX - - - - - - - - 41 L8 PE10 I/O FT - TIM2_CH2, USART5_TX - - - --- - - 42 M9 PE11 I/O FT - TIM2_CH3, USART5_RX - - - - - - - - 43 L9 PE12 I/O FT - TIM2_CH4, SPI1_NSS - - - - - - - - 44 M10 PE13 I/O FT - SPI1_SCK - - - - - - - - 45 M11 PE14 I/O FT - SPI1_MISO - - - - - - - - 46 M12 PE15 I/O FT - SPI1_MOSI - - - 21 21 29 G7 G3 47 L10 PB10 I/O FT - TIM2_CH3, TSC_SYNC, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |