| 전자부품 데이터시트 검색엔진 |
|
STM32L072CBT6 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072CBT6 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 160 page ![]() DS10689 Rev 5 85/160 STM32L072xx Electrical characteristics 122 High-speed external clock generated from a crystal/ceramic resonator The high-speed external (HSE) clock can be supplied with a 1 to 25 MHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 45. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 25 pF range (typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or resonator (see Figure 23). CL1 and CL2 are usually the same size. The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin and board capacitance) when sizing CL1 and CL2. Refer to the application note AN2867 “Oscillator design guide for ST microcontrollers” available from the ST website www.st.com. Figure 23. HSE oscillator circuit diagram Table 45. HSE oscillator characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fOSC_IN Oscillator frequency - 1 25 MHz RF Feedback resistor - - 200 - k Ω Gm Maximum critical crystal transconductance Startup - - 700 µA /V tSU(HSE) (2) 2. Guaranteed by characterization results. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer. Startup time VDD is stabilized - 2 - ms OSC_OUT OSC_IN fHSE to core CL1 CL2 RF STM32 Resonator Consumption control gm Rm Cm Lm CO Resonator ai18235b |