| 전자부품 데이터시트 검색엔진 |
|
STM32L072CBT6 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072CBT6 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 160 page ![]() DS10689 Rev 5 43/160 STM32L072xx Pin descriptions 58 Figure 11. STM32L072xx UFQFPN32 pinout 1. The above figure shows the package top view. 2. the I/O pins supplied by VDD_USB are shown in grey. MSv36141V3 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 8 910 1112 13 14 15 16 1 2 3 4 5 6 7 VDD_USB PA13 PA12 PA11 PA10 PA9 PA8 NRST VDDA PA0 PA1 PA2 PC14-OSC32_IN PC15-OSC32_OUT VDD 21 VSS VSSA Table 15. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O FTf 5 V tolerant I/O, FM+ capable TC Standard 3.3V I/O B Dedicated BOOT0 pin RST Bidirectional reset pin with embedded weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset. Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers |