| 전자부품 데이터시트 검색엔진 |
|
STM32WB55 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 193 page ![]() DS11929 Rev 11 61/193 STM32WB55xx STM32WB35xx Pinouts and pin description 80 Table 16. STM32WB55xx pin and ball definitions Pin number Pin name (function after reset) Alternate functions Additional functions - - C8 B2 PE0 I/O FT_l - TIM1_ETR, TSC_G7_IO3, LCD_SEG36, TIM16_CH1, CM4_EVENTOUT - - - B10 A1 PE1 I/O FT_l - TSC_G7_IO2, LCD_SEG37, TIM17_CH1, CM4_EVENTOUT - - - E6 B1 PE2 I/O FT_l - TRACECK, SAI1_PDM_CK1, TSC_G7_IO1, LCD_SEG38, SAI1_MCLK_A, CM4_EVENTOUT - - - C9 C1 PD13 I/O FT_l - TSC_G6_IO4, LCD_SEG33, LPTIM2_OUT, CM4_EVENTOUT - - - D8 D3 PD14 I/O FT_l - TIM1_CH1, LCD_SEG34, CM4_EVENTOUT - - - E7 C2 PD15 I/O FT_l - TIM1_CH2, LCD_SEG35, CM4_EVENTOUT - 1 1 C10 D2 VBAT S - - - - - 2 G5 F4 PC13 I/O FT (1) (2) CM4_EVENTOUT RTC_TAMP1/RTC_TS/ RTC_OUT/WKUP2 23 D10 E3 PC14- OSC32_IN I/O FT (1) (2) CM4_EVENTOUT OSC32_IN 34 D9 E2 PC15- OSC32_OUT I/O FT (1) (2) CM4_EVENTOUT OSC32_OUT - - - E5 VSS S - - - - -- - F6 VDD S - - - - - - E10 F1 PH0 I/O FT - CM4_EVENTOUT - - - E9 G2 PH1 I/O FT - CM4_EVENTOUT - 4 5 E8 G1 PH3-BOOT0 I/O FT - CM4_EVENTOUT, LSCO(3) - 5 6 F7 G3 PB8 I/O FT_fl - TIM1_CH2N, SAI1_PDM_CK1, I2C1_SCL, QUADSPI_BK1_IO1, LCD_SEG16, SAI1_MCLK_A, TIM16_CH1, CM4_EVENTOUT - |