| 전자부품 데이터시트 검색엔진 |
|
STM32WB55 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 193 page ![]() DS11929 Rev 11 63/193 STM32WB55xx STM32WB35xx Pinouts and pin description 80 11 17 F6 N1 PA2 I/O FT_la - LSCO(3), TIM2_CH3, LPUART1_TX, QUADSPI_BK1_NCS, LCD_SEG1, COMP2_OUT, CM4_EVENTOUT COMP2_INM, ADC1_IN7, WKUP4 12 18 J8 M2 PA3 I/O FT_la - TIM2_CH4, SAI1_PDM_CK1, LPUART1_RX, QUADSPI_CLK, LCD_SEG2, SAI1_MCLK_A, CM4_EVENTOUT COMP2_INP, ADC1_IN8 13 19 K10 L3 PA4 I/O FT_a - SPI1_NSS, SAI1_FS_B, LPTIM2_OUT, LCD_SEG5, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN9 14 20 K9 N2 PA5 I/O FT_a - TIM2_CH1, TIM2_ETR, SPI1_SCK, LPTIM2_ETR, SAI1_SD_B, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN10 15 21 H7 M3 PA6 I/O FT_la - TIM1_BKIN, SPI1_MISO, LPUART1_CTS, QUADSPI_BK1_IO3, LCD_SEG3, TIM16_CH1, CM4_EVENTOUT ADC1_IN11 16 22 H6 N3 PA7 I/O FT_fla - TIM1_CH1N, I2C3_SCL, SPI1_MOSI, QUADSPI_BK1_IO2, LCD_SEG4, COMP2_OUT, TIM17_CH1, CM4_EVENTOUT ADC1_IN12 17 23 J7 M4 PA8 I/O FT_la - MCO, TIM1_CH1, SAI1_PDM_CK2, USART1_CK, LCD_COM0, SAI1_SCK_A, LPTIM2_OUT, CM4_EVENTOUT ADC1_IN15 18 24 K8 L4 PA9 I/O FT_fla - TIM1_CH2, SAI1_PDM_DI2, I2C1_SCL, SPI2_SCK, USART1_TX, LCD_COM1, SAI1_FS_A, CM4_EVENTOUT COMP1_INM, ADC1_IN16 - 25 G4 M5 PC4 I/O FT_la - LCD_SEG22, CM4_EVENTOUT COMP1_INM, ADC1_IN13 - - - F3 VSS_DCAP1 S - - - - -- - G7 VDD S - - - - Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |