| 전자부품 데이터시트 검색엔진 |
|
STM32L011E4 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011E4 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 119 page ![]() Pin descriptions STM32L011x3/4 38/119 DocID027973 Rev 5 - 8 11 11 11 11 D3 PA5 I/O TTa - SPI1_SCK, LPTIM1_IN2, TIM2_ETR, TIM2_CH1 COMP1_INM, COMP2_INM, ADC_IN5 - 9 12 12 12 12 E3 PA6 I/O FT - SPI1_MISO, LPTIM1_ETR, LPUART1_CTS, EVENTOUT, COMP1_OUT ADC_IN6 8 10 13 131313 C3 PA7 I/O FT - SPI1_MOSI, LPTIM1_OUT, USART2_CTS, TIM21_ETR, EVENTOUT, COMP2_OUT COMP2_INP, ADC_IN7 - - - 14 14 14 E2 PB0 I/O FT - EVENTOUT, SPI1_MISO, TIM2_CH2, USART2_RTS_DE, TIM2_CH3 ADC_IN8, VREF_OUT - 11 14 151515 D2 PB1 I/O FT - USART2_CK, SPI1_MOSI, LPTIM1_IN1, LPUART1_RTS_DE , TIM2_CH4 ADC_IN9, VREF_OUT ----- 16 - PB2 I/O FT - LPTIM1_OUT - 9 12 15 16 16 - E1 VSS S - (5) -- 10 13 16 17 17 17 D1 VDD S - (6) -- - - - 18 18 18 C1 PA8 I/O FT - MCO, LPTIM1_IN1, EVENTOUT, USART2_CK, TIM2_CH1 - 11 14 17 19 19 19 B1 PA9 I/O FTf - MCO, I2C1_SCL, LPTIM1_OUT, USART2_TX, TIM21_CH2, COMP1_OUT - Table 13. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |