| 전자부품 데이터시트 검색엔진 |
|
STM32L011D4P7 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011D4P7 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 119 page ![]() DocID027973 Rev 5 37/119 STM32L011x3/4 Pin descriptions 42 Table 13. Pin definitions Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions 2122 22 B5 PC14- OSC32_IN I/O FT - - OSC32_IN 3233 33 C5 PC15- OSC32_OUT I/O TC - - OSC32_OUT 4344 44 D5 NRST I/O RST (2) -- 10 455 55 C4 VDDA S - (3)(4) -- 5566 66 E5 PA0-CK_IN I/O TTa - USART2_RX, LPTIM1_IN1, TIM2_CH1, USART2_CTS, TIM2_ETR, LPUART1_RX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/WKU P1/CK_IN 6677 77 B4 PA1 I/O FT - EVENTOUT, LPTIM1_IN2, TIM2_CH2, I2C1_SMBA, USART2_RTS_DE, TIM21_ETR, LPUART1_TX COMP1_INP, ADC_IN1 - - 88 88 D4 PA2 I/O TTa - TIM21_CH1, TIM2_CH3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2, RTC_TAMP3/RTC_ TS/RTC_OUT/WKU P3 - - 99 99 E4 PA3 I/O FT - TIM21_CH2, TIM2_CH4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 7 7 10 10 10 10 B3 PA4 I/O TTa - SPI1_NSS, LPTIM1_IN1, LPTIM1_ETR, I2C1_SCL, USART2_CK, TIM2_ETR, LPUART1_TX, COMP2_OUT COMP1_INM, COMP2_INM, ADC_IN4 |