| 전자부품 데이터시트 검색엔진 |
|
STM32F051X4 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051X4 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 122 page ![]() DocID022265 Rev 7 33/122 STM32F051x4 STM32F051x6 STM32F051x8 Pinouts and pin descriptions 36 22 G4 16 E3 12 12 PA6 I/O TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT ADC_IN6 23 H4 17 F4 13 13 PA7 I/O TTa - SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, COMP2_OUT, TSC_G2_IO4, EVENTOUT ADC_IN7 24 H5 - - - - PC4 I/O TTa - EVENTOUT ADC_IN14 25 H6 - - - - PC5 I/O TTa - TSC_G3_IO1 ADC_IN15 26 F5 18 F3 14 14 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT ADC_IN8 27 G5 19 F2 15 15 PB1 I/O TTa - TIM3_CH4, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 28 G6 20 D2 - 16 PB2 I/O FT (4) TSC_G3_IO4 - 29 G7 21 - - - PB10 I/O FT (5) I2C2_SCL, CEC, TIM2_CH3, TSC_SYNC - 30 H7 22 - - - PB11 I/O FT (5) I2C2_SDA, TIM2_CH4, TSC_G6_IO1, EVENTOUT - 31 D4 23 F1 16 0 VSS S - - Ground 32 E4 24 E1 17 17 VDD S - - Digital power supply Table 13. Pin definitions (continued) Pin number Pin name (function upon reset) Pin functions Alternate functions Additional functions |