| 전자부품 데이터시트 검색엔진 |
|
STM32F303X6 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X6 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 124 page ![]() Functional overview STM32F303x6/x8 30/124 DS9866 Rev 8 3.19 Development support 3.19.1 Serial-wire JTAG debug port (SWJ-DP) The Arm SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug port that enables either a serial wire debug or a JTAG probe to be connected to the target. The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. 6 TSC_G6_IO1 PB11 TSC_G6_IO2 PB12 TSC_G6_IO3 PB13 TSC_G6_IO4 PB14 Table 11. No. of capacitive sensing channels available on STM32F303x6/8 devices Analog I/O group Number of capacitive sensing channels STM32F303xRx STM32F303xCx STM32F303xKx G1 3 3 3 G2 3 3 3 G3 3 2 2 G4 3 3 3 G5 3 3 3 G6 3 3 0 Total number of capacitive sensing channels 18 17 14 Table 10. Capacitive sensing GPIOs available on STM32F303x6/8 devices (continued) Group Capacitive sensing group name Pin name |