| 전자부품 데이터시트 검색엔진 |
|
SPC58EEX 데이터시트(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58EEX 데이터시트(HTML) 86 Page - STMicroelectronics |
|
86 / 154 page ![]() Electrical characteristics SPC58EEx, SPC58NEx 86/154 DS11646 Rev 4 VLVD290_F CC P VDD_HV_FLA — 2.89 2.94 2.99 V VLVD290_AD CC P VDD_HV_ADV (ADCSD pad) — 2.89 2.94 2.99 V VLVD290_AS CC P VDD_HV_ADV (ADCSAR pad) — 2.89 2.94 2.99 V VLVD290_IJ CC P VDD_HV_IO_JTAG — 2.89 2.94 2.99 V VLVD290_IF CC P VDD_HV_IO_FLEX — 2.89 2.94 2.99 V VLVD400_AD CC P VDD_HV_ADV (ADCSD pad) — 4.15 4.23 4.31 V VLVD400_AS CC P VDD_HV_ADV (ADCSAR pad) — 4.15 4.23 4.31 V VLVD400_IM CC P VDD_HV_IO_MAIN — 4.15 4.23 4.31 V VLVD400_IJ CC P VDD_HV_IO_JTAG 4.15 4.23 4.31 V VLVD400_IF CC P VDD_HV_IO_FLEX — 4.15 4.23 4.31 V High Voltage Detectors HV VHVD400_C CC P VDD_HV_IO_MAIN 3.68 3.75 3.82 V VHVD400_IJ CC P VDD_HV_IO_JTAG 3.68 3.75 3.82 V VHVD400_IF CC P VDD_HV_IO_FLEX — 3.68 3.75 3.82 V Upper Voltage Detectors HV VUVD600_C CC P VDD_HV_IO_MAIN 5.72 5.82 5.92 V VUVD600_F CC P VDD_HV_FLA — 5.72 5.82 5.92 V VUVD600_IJ CC P VDD_HV_IO_JTAG — 5.72 5.82 5.92 V VUVD600_IF CC P VDD_HV_IO_FLEX — 5.72 5.82 5.92 V PowerOn Reset LV VPOR031_C CC P VDD_LV — 0.29 0.60 0.97 V Minimum Voltage Detectors LV VMVD082_C CC P VDD_LV — 0.85 0.88 0.91 V VMVD082_B CC P VDD_LV_BD — 0.85 0.88 0.91 V VMVD094_C CC P VDD_LV — 0.98 1.00 1.02 V VMVD094_FA CC P VDD_LV (Flash) — 1.00 1.02 1.04 V VMVD094_FB CC P VDD_LV (Flash) — 1.00 1.02 1.04 V Low Voltage Detectors LV VLVD100_C CC P VDD_LV — 1.06 1.08 1.11 V VLVD100_SB CC P VDD_LV (In Standby) — 0.99 1.01 1.03 V VLVD100_F CC P VDD_LV (Flash) — 1.08 1.10 1.12 V High Voltage Detectors LV VHVD134_C CC P VDD_LV — 1.28 1.31 1.33 V Table 45. Voltage monitor electrical characteristics (continued) Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max |