| 전자부품 데이터시트 검색엔진 |
|
SPC58EE84E7 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58EE84E7 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 154 page ![]() Electrical characteristics SPC58EEx, SPC58NEx 64/154 DS11646 Rev 4 δGROUP CC D Group delay Within pass band – Tclk is fADCD_M / 2 —— — — OSR = 24 — — 191.5 Tclk OSR = 28 — — 223 OSR = 32 — — 254.5 OSR = 36 — — 286 OSR = 40 — — 317.5 OSR = 44 — — 349 OSR = 48 — — 380.5 OSR = 56 — — 443.5 OSR = 64 — — 506.5 OSR = 72 — — 569.5 OSR = 75 — — 550 OSR = 80 — — 632.5 OSR = 88 — — 695.5 OSR = 96 — — 758.5 OSR = 112 — — 884.5 OSR = 128 — — 1010.5 OSR = 144 — — 1136.5 OSR = 160 — — 1262.5 OSR = 176 — — 1388.5 OSR = 192 — — 1514.5 OSR = 224 — — 1766.5 OSR = 256 — — 2018.5 fHIGH CC D High pass filter 3dB frequency Enabled — 10e-5* fADCD_S —— tSTARTUP CC D Start-up time from power down state — — — 100 µs tLATENCY CC D Latency between input data and converted data (input mux not changed)(15) HPF = ON — — δGROUP + fADCD_S — HPF = OFF — — δGROUP — Table 29. SDn ADC electrical specification (continued) Symbol C Parameter Conditions Value Unit Min Typ Max |