전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58EE84E7 데이터시트(PDF) 86 Page - STMicroelectronics

부품명 SPC58EE84E7
상세설명  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84E7 데이터시트(HTML) 86 Page - STMicroelectronics

Back Button SPC58EE84E7 Datasheet HTML 82Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 83Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 84Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 85Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 86Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 87Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 88Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 89Page - STMicroelectronics SPC58EE84E7 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
86/154
DS11646 Rev 4
VLVD290_F
CC P VDD_HV_FLA
—
2.89
2.94
2.99
V
VLVD290_AD
CC P VDD_HV_ADV (ADCSD pad)
—
2.89
2.94
2.99
V
VLVD290_AS
CC P VDD_HV_ADV (ADCSAR pad)
—
2.89
2.94
2.99
V
VLVD290_IJ
CC P VDD_HV_IO_JTAG
—
2.89
2.94
2.99
V
VLVD290_IF
CC P VDD_HV_IO_FLEX
—
2.89
2.94
2.99
V
VLVD400_AD
CC P VDD_HV_ADV (ADCSD pad)
—
4.15
4.23
4.31
V
VLVD400_AS
CC P VDD_HV_ADV (ADCSAR pad)
—
4.15
4.23
4.31
V
VLVD400_IM
CC P VDD_HV_IO_MAIN
—
4.15
4.23
4.31
V
VLVD400_IJ
CC P VDD_HV_IO_JTAG
4.15
4.23
4.31
V
VLVD400_IF
CC P VDD_HV_IO_FLEX
—
4.15
4.23
4.31
V
High Voltage Detectors HV
VHVD400_C
CC P VDD_HV_IO_MAIN
3.68
3.75
3.82
V
VHVD400_IJ
CC P VDD_HV_IO_JTAG
3.68
3.75
3.82
V
VHVD400_IF
CC P VDD_HV_IO_FLEX
—
3.68
3.75
3.82
V
Upper Voltage Detectors HV
VUVD600_C
CC P VDD_HV_IO_MAIN
5.72
5.82
5.92
V
VUVD600_F
CC P VDD_HV_FLA
—
5.72
5.82
5.92
V
VUVD600_IJ
CC P VDD_HV_IO_JTAG
—
5.72
5.82
5.92
V
VUVD600_IF
CC P VDD_HV_IO_FLEX
—
5.72
5.82
5.92
V
PowerOn Reset LV
VPOR031_C
CC P VDD_LV
—
0.29
0.60
0.97
V
Minimum Voltage Detectors LV
VMVD082_C
CC P VDD_LV
—
0.85
0.88
0.91
V
VMVD082_B
CC P VDD_LV_BD
—
0.85
0.88
0.91
V
VMVD094_C
CC P VDD_LV
—
0.98
1.00
1.02
V
VMVD094_FA
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
VMVD094_FB
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
Low Voltage Detectors LV
VLVD100_C
CC P VDD_LV
—
1.06
1.08
1.11
V
VLVD100_SB
CC P VDD_LV (In Standby)
—
0.99
1.01
1.03
V
VLVD100_F
CC P VDD_LV (Flash)
—
1.08
1.10
1.12
V
High Voltage Detectors LV
VHVD134_C
CC P VDD_LV
—
1.28
1.31
1.33
V
Table 45. Voltage monitor electrical characteristics (continued)
Symbol
C
Supply/Parameter(1)
Conditions
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More