전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F107VC 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STM32F107VC
상세설명  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VC 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STM32F107VC Datasheet HTML 24Page - STMicroelectronics STM32F107VC Datasheet HTML 25Page - STMicroelectronics STM32F107VC Datasheet HTML 26Page - STMicroelectronics STM32F107VC Datasheet HTML 27Page - STMicroelectronics STM32F107VC Datasheet HTML 28Page - STMicroelectronics STM32F107VC Datasheet HTML 29Page - STMicroelectronics STM32F107VC Datasheet HTML 30Page - STMicroelectronics STM32F107VC Datasheet HTML 31Page - STMicroelectronics STM32F107VC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
Pinouts and pin description
STM32F105xx, STM32F107xx
28/108
DocID15274 Rev 10
H2 15 24
PA1
I/O
-
PA1
USART2_RTS(7)/ ADC12_IN1/
TIM5_CH2 /TIM2_CH2(7)/
ETH_MII_RX_CLK/
ETH_RMII_REF_CLK
-
J2 16 25
PA2
I/O
-
PA2
USART2_TX(7)/
TIM5_CH3/ADC12_IN2/
TIM2_CH3 (7)/ ETH_MII_MDIO/
ETH_RMII_MDIO
-
K2 17 26
PA3
I/O
-
PA3
USART2_RX(7)/
TIM5_CH4/ADC12_IN3 /
TIM2_CH4(7)/ ETH_MII_COL
-
E4 18 27
VSS_4
S
-
VSS_4
-
-
F4 19 28
VDD_4
S
-
VDD_4
-
-
G3 20 29
PA4
I/O
-
PA4
SPI1_NSS(7)/DAC_OUT1 /
USART2_CK(7) / ADC12_IN4
SPI3_NSS/I2S3_WS
H3 21 30
PA5
I/O
-
PA5
SPI1_SCK(7) /
DAC_OUT2 / ADC12_IN5
-
J3 22 31
PA6
I/O
-
PA6
SPI1_MISO(7)/ADC12_IN6 /
TIM3_CH1(7)
TIM1_BKIN
K3 23 32
PA7
I/O
-
PA7
SPI1_MOSI(7)/ADC12_IN7 /
TIM3_CH2(7)/
ETH_MII_RX_DV(8)/
ETH_RMII_CRS_DV
TIM1_CH1N
G4 24 33
PC4
I/O
-
PC4
ADC12_IN14/
ETH_MII_RXD0(8)/
ETH_RMII_RXD0
-
H4 25 34
PC5
I/O
-
PC5
ADC12_IN15/
ETH_MII_RXD1(8)/
ETH_RMII_RXD1
-
J4 26 35
PB0
I/O
-
PB0
ADC12_IN8/TIM3_CH3/
ETH_MII_RXD2(8)
TIM1_CH2N
K4 27 36
PB1
I/O
-
PB1
ADC12_IN9/TIM3_CH4(7)/
ETH_MII_RXD3(8)
TIM1_CH3N
G5 28 37
PB2
I/O FT PB2/BOOT1
-
-
H5
-
38
PE7
I/O FT
PE7
-
TIM1_ETR
J5
-
39
PE8
I/O FT
PE8
-
TIM1_CH1N
Table 5. Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More