| 전자부품 데이터시트 검색엔진 |
|
STM32F107VC 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107VC 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 108 page ![]() Pinouts and pin description STM32F105xx, STM32F107xx 30/108 DocID15274 Rev 10 J9 - 56 PD9 I/O FT PD9 - USART3_RX/ ETH_MII_RXD0/ ETH_RMII_RXD0 H9 - 57 PD10 I/O FT PD10 - USART3_CK/ ETH_MII_RXD1/ ETH_RMII_RXD1 G9 - 58 PD11 I/O FT PD11 - USART3_CTS/ ETH_MII_RXD2 K10 - 59 PD12 I/O FT PD12 - TIM4_CH1 / USART3_RTS/ ETH_MII_RXD3 J10 - 60 PD13 I/O FT PD13 - TIM4_CH2 H10 - 61 PD14 I/O FT PD14 - TIM4_CH3 G10 - 62 PD15 I/O FT PD15 - TIM4_CH4 F10 37 63 PC6 I/O FT PC6 I2S2_MCK/ TIM3_CH1 E10 38 64 PC7 I/O FT PC7 I2S3_MCK TIM3_CH2 F9 39 65 PC8 I/O FT PC8 - TIM3_CH3 E9 40 66 PC9 I/O FT PC9 - TIM3_CH4 D9 41 67 PA8 I/O FT PA8 USART1_CK/OTG_FS_SOF / TIM1_CH1(8)/MCO - C9 42 68 PA9 I/O FT PA9 USART1_TX(7)/ TIM1_CH2(7)/ OTG_FS_VBUS - D10 43 69 PA10 I/O FT PA10 USART1_RX(7)/ TIM1_CH3(7)/OTG_FS_ID - C10 44 70 PA11 I/O FT PA11 USART1_CTS / CAN1_RX / TIM1_CH4(7)/OTG_FS_DM - B10 45 71 PA12 I/O FT PA12 USART1_RTS / OTG_FS_DP / CAN1_TX(7) / TIM1_ETR(7) - A10 46 72 PA13 I/O FT JTMS-SWDIO - PA13 F8 - 73 Not connected - E6 47 74 VSS_2 S - VSS_2 - - F6 48 75 VDD_2 S - VDD_2 - - A9 49 76 PA14 I/O FT JTCK-SWCLK - PA14 Table 5. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |