전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R95 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 ST25R95
상세설명  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
5.11.3
Improving RF reception for FeliCa™ tags
To improve ST25R95 reception when communicating with FeliCa™ tags, it is possible to enable an AutoDetect
filter to synchronize FeliCa™ tags with the ST25R95. This can be done using the Write Register (WrReg)
command to enable the AutoDetect filter.
By default, this filter is disabled after the execution of the ProtocolSelect command, but it can be enabled using
the WrReg command (0x09).
Table 38. WrReg command description (AutoDetect Filter)
Direction
Data
Comments
Example
Host to ST25R95
0x09
Command code
>>>
0x09040A0102A1
Enable the AutoDetect filter.
0x03 or 0x04
Length of data
0x0A
AutoDetect filter control value
0x00 or 0x01
Flag Increment address or not after Write command
0x02
AutoDetect filter enable
0xA1
AutoDetect filter confirmation
ST25R95 to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 40/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61