| 전자부품 데이터시트 검색엔진 |
|
STM32L010K4 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L010K4 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 91 page ![]() Pin descriptions STM32L010F4/K4 32/91 DS12323 Rev 3 -26 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT - - 27 PB4 I/O FT - SPI1_MISO, EVENTOUT - -28 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM21_CH1 - -29 PB6 I/O FT - USART2_TX, I2C1_SCL, LPTIM1_ETR, TIM2_CH3, LPUART1_TX - -30 PB7 I/O FT - USART2_RX, I2C1_SDA, LPTIM1_IN2, TIM2_CH4, LPUART1_RX VREF_PVD_IN 1 31 PB9-BOOT0 I B - - - - 32 VSS S - (4) -- 1. Digital power supply. 2. Device reset input/internal reset output (active low). 3. Analog power supply. 4. Digital and analog ground. Table 10. Pin definitions (continued) Pin number Pin name (function after reset) Pin type I/O struct ure Not es Pin functions Alternate functions Additional functions |