전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF3DX3 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 MF3DX3
상세설명  MIFARE DESFire EV3 contactless multi-application IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 12Page - NXP Semiconductors MF3DX3 Datasheet HTML 13Page - NXP Semiconductors MF3DX3 Datasheet HTML 14Page - NXP Semiconductors MF3DX3 Datasheet HTML 15Page - NXP Semiconductors MF3DX3 Datasheet HTML 16Page - NXP Semiconductors MF3DX3 Datasheet HTML 17Page - NXP Semiconductors MF3DX3 Datasheet HTML 18Page - NXP Semiconductors MF3DX3 Datasheet HTML 19Page - NXP Semiconductors MF3DX3 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MF3D_H_x3_MIFARE_DESFire_EV3_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
Rev. 3.0 — 15 May 2020
COMPANY PUBLIC
612530
16 / 28
Command
Description
CreateCyclicRecordFile
Creates files for multiple storages of structural similar data, for
example for logging transactions, within an existing application
on the PICC. Once the file is filled completely with data records,
the PICC automatically overwrites the oldest record with the latest
written one. This wrap is fully transparent for the PCD.
CreateTransactionMACFile Creates a Transaction MAC File and enables the Transaction MAC
feature for the targeted application.
DeleteFile
Permanently deactivates a file within the file directory of the currently
selected application.
GetFileIDs
Returns the File IDentifiers of all active files within the currently
selected application.
GetISOFileIDs
Get back the ISO File ID.
GetFileSettings
Get information on the properties of a specific file.
ChangeFileSettings
Changes the access parameters of an existing file.
8.6 Data Management Commands
Table 9. Data management commands overview
Command
Description
ReadData
Reads data from FileType.StandardData or FileType.BackupData.
WriteData
Writes data to FileType.StandardData or FileType.BackupData
GetValue
Reads the currently stored value from FileType.Value.
Credit
Increases a value stored in a FileType.Value.
Debit
Decreases a value stored in a FileType.Value.
LimitedCredit
Allows a limited increase of a value stored in a FileType.Value
without having full Credit permissions to the file.
ReadRecords
Reads out a set of complete records from a FileType.CyclicRecord
or FileType.LinearRecord.
WriteRecord
Writes data to a record in a FileType.CyclicRecord or
FileType.LinearRecord.
UpdateRecord
Updates data of an existing record in a FileType.LinearRecord or
FileType.CyclicRecord file.
ClearRecordFile
Resets a FileType.LinearRecord or FileType.CyclicRecord to empty
state.
8.7 Transaction Management Commands
Table 10. Transaction management commands overview
Command
Description
CommitTransaction
Validates all previous write access’ on FileType.BackupData,
FileType.Value, FileType.LinearRecord and FileType.CyclicRecord
within one application.
AbortTransaction
Invalidates all previous write access’ on FileType.BackupData,
FileType.Value, FileType.LinearRecord and FileType.CyclicRecord
within one application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28