전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF1P4101DA6/02 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 MF1P4101DA6/02
상세설명  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 11Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 12Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 13Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 14Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 15Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 16Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 17Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
15 / 33
8.8 Security level 0
Security level 0 is the initial delivery configuration of the PICC. The card can be operated
either using the backwards compatibility protocol or the ISO/IEC 14443-4 protocol.
In this level, the card can be personalized including the programming of user data as well
as CRYPTO1 and/or AES keys. In addition, the originality function can be used.
The following mandatory AES keys must be written, using the WritePerso command
before the PICC can be switched to security level 1 or security level 3.
Security level switching is performed using the CommitPerso command:
• CardConfigurationKey
• CardMasterKey
• L3SwitchKey
When the pre-personalization of the PICC is finished it is possible to upgrade the
PICC from security level 0 either to security level 1 or directly to security level 3 with
CommitPerso command.
Using the originality function, it is possible to verify that the chip is a genuine NXP
Semiconductors MIFARE Plus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33