| 전자부품 데이터시트 검색엔진 |
|
MF1P4101DA6/02 데이터시트(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1P4101DA6/02 데이터시트(HTML) 20 Page - NXP Semiconductors |
|
20 / 33 page ![]() NXP Semiconductors MF1P(H)x1y1 MIFARE Plus EV1 MF1P(H)x1y1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 6 December 2018 COMPANY PUBLIC 366932 20 / 33 9.3 SL0 command overview Table 6. SL0 command overview Command Description Commands available after ISO/IEC 14443-3 activation Read_Sig Retrieve the ECC originality check signature. WritePerso pre Personalization of AES Keys and all blocks CommitPerso switch to SL1 or SL3 AuthenticateFirst (part 1) first authenticate AuthenticateNonFirst (part 1) following authenticate AuthenticateContinue (part 2) second authentication step VCSupportLastISOL3 check if the Virtual Card Concept is supported, communicate PCD capabilities and retrieve the UID Commands available after ISO/IEC 14443-4 activation GetVersion returns manufacturing related data of the PICC Read_Sig Retrieve the ECC originality check signature. WritePerso pre Personalization of AES Keys and all blocks CommitPerso switch to SL1 or SL3 AuthenticateFirst (part 1) first authenticate AuthenticateNonFirst (part 1) following authenticate AuthenticateContinue (part 2) second authentication step VC commands available after ISO/IEC 14443-4 activation, using ISO/IEC 7816-4 protocol ISOSelect Select virtual card |