전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTMTS0D7N06CL 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 NTMTS0D7N06CL
상세설명  MOSFET - Power, Single N-Channel 60 V, 0.68 m, 477 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTS0D7N06CL 데이터시트(HTML) 5 Page - ON Semiconductor

  NTMTS0D7N06CL Datasheet HTML 1Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 2Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 3Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 4Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 5Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 6Page - ON Semiconductor NTMTS0D7N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTMTS0D7N06CL
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Thermal Characteristics − RqJA(t) (5C/W)
PULSE TIME (sec)
1000
10
0.1
0.0001
0.000001
0.001
0.1
10
100
100
1
0.01
0.00001
0.001
1
Single Pulse
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
0.01
0.01
Figure 14. Thermal Characteristics − RqJC(t) (5C/W)
PULSE TIME (sec)
0.1
0.0001
0.000001
0.001
0.1
10
1
0.01
0.00001
0.001
1
0.01
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
TC = 25°C
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping†
NTMTS0D7N06CLTXG
0D7N06CL
DFNW8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com